Part Number Hot Search : 
1J222ME 4412FNH B1361 AN694 BU2520 2GAG2 8F445 30PBF
Product Description
Full Text Search
 

To Download BYP60A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYP 60A05 ... BYP 60A6 BYP 60K05 ... BYP 60K6 Silicon Press-Fit-Diodes High-temperature diodes Silizium-Einpredioden Hochtemperaturdioden
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Metal press-fit case with plastic cover Metall-Einpregehause mit Plastik-Abdeckung Weight approx. - Gewicht ca. Casting compound has UL classification 94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
60 A 50...600 V
10 g
Standard packaging: bulk Standard Lieferform: lose im Karton
Maximum ratings Type / Typ Wire to / Draht an Anode Cathode BYP 60A05 BYP 60A1 BYP 60A2 BYP 60A3 BYP 60A4 BYP 60A6 BYP 60K05 BYP 60K1 BYP 60K2 BYP 60K3 BYP 60K4 BYP 60K6 Repetitive peak reverse voltage Periodische Spitzensperrspanng. VRRM [V] 50 100 200 300 400 600
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 60 120 240 360 480 700
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 / 60 Hz half sine-wave Stostrom fur eine 50 / 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t <10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Maximum pressure - Maximaler Einpredruck
1
TC = 150/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t Tj TS
60 A 120 A 1) 450 / 500 A 1000 A2s - 50...+215 /C - 50...+215 /C 7 kN
80
) Max. case temperature TC = 150/C - Max. Gehausetemperatur TC = 150 28.02.2002
BYP 60A05 ... BYP 60A6 BYP 60K05 ... BYP 60K6 Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Tj = 25/C Tj = 25/C IF = 60 A VR = VRRM VF IR RthC Kennwerte < 1.1 V < 100 :A < 0.6 K/W
New - Neu BYP 60K05 BYP 60K1 BYP 60K2 BYP 60K3 BYP 60K4
Replacements / Ersatztypen Old - Alt New - Neu BYP70/60 BYP 60A05 BYP71/60 BYP 60A1 BYP72/60 BYP 60A2 BYP73/60 BYP 60A3 BYP74/60 BYP 60A4
Old - Alt BYP75/60 BYP76/60 BYP77/60 BYP78/60 BYP79/60
28.02.2002
81


▲Up To Search▲   

 
Price & Availability of BYP60A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X